Part Number Hot Search : 
MIC2207 C100M SY88973 XSD404 60000 NCP1377P P6KE250 SMS51
Product Description
Full Text Search
 

To Download HER104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1.0 Amp SUPER FAST PLASTIC RECTIFIERS
Mechanical Dimensions
JEDEC D0-41
.080 .107 .205 .160 1.00 Min.
HER101 . . . 107 Series
Description
.031 typ.
Features
n LOW COST n LOW FORWARD VOLTAGE DROP n ULTRAFAST RECOVERY TIME n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Current & Temp Forward Voltage @ 1.0A...VF DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 25C TA = 100C
HER101 . . . 107 Series HER101 HER102 HER103 HER104 HER105 HER106 HER107 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 600 420 600 800 560 800
Units
Volts Volts Volts Amps Amps Volts
............................................. 1.0 ............................................... ............................................. 30 ............................................... < ........................ 1.0 ........................ > < ...... 1.4 ....... >
............................................. 5.0 ............................................... Amps ............................................. 150 ............................................... Amps < ........................ 35 ........................ > < ...... 80 ....... > pF C / W nS C
Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJC (Note 2) Typical Reverse Recovery Time...tRR (Note 3) Operating & Storage Temperature Range...TJ, TSTRG
............................................. 2.5 ............................................... ............................................. 50 ............................................... ......................................... -65 to 150 ..........................................
Page 4-20
Data Sheet
1.0 Amp SUPER FAST PLASTIC RECTIFIERS
Non-Repetitive Peak Forward Surge Current
8.3 mS Single Half Sine Wave
Forward Current Derating Curve 2
60 Amps Amps 1 40 20 0 0 25 50 75 100 125 150 175 TA = Ambient Temperature (C) Typical Reverse Characteristics 100
TJ = 150C
1
10 Number of Cycles @ 60 HZ Typical Junction Capacitance
100
10 mAmps 1.0 .1 .01 pF
TJ= 100C
TJ = 25C
40 80 120 140 Percent of Rated Peak Voltage
Reverse Voltage (Volts)
Typical Instantaneous Forward Characteristics 10 Pulse Width = 300 s
% Duty Cycle
Reverse Recovery Characteristics
Non-Inductive (+) (-) 50 25 VDC D.U.T 10 1 NonInductive (-)
Pulse Generator Note 2
1 Amps .1 .01
+.5A 0A -.25A -1.0A
tRR
Ratings at 25 Deg. C ambient temperature unless otherwise specified. 1 cm Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Oscilliscope (+) Note 1
Notes: 1. Rise Time = 7 nS Max. Impedance = 1 megohm, 22 pF 2. Rise Time = 10 nS Max. Source Impedance = 50 Ohms
.2
.6 1.0 Volts
1.4
Time Base Set @ 50/100nS/cm
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance Junction to Ambient Vert. PC Board Mounting 0.5" (12.7mm) Lead Length. 3. Conditions: IF = 0.5A, I R = 1.0A, I RR = 0.25A.
Page 4-21
HER101 . . . 107 Series


▲Up To Search▲   

 
Price & Availability of HER104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X